Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12F08 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APC12F08
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08 Datasheet(HTML) 1 Page - Astec America, Inc

  APC12F08 Datasheet HTML 1Page - Astec America, Inc APC12F08 Datasheet HTML 2Page - Astec America, Inc APC12F08 Datasheet HTML 3Page - Astec America, Inc APC12F08 Datasheet HTML 4Page - Astec America, Inc APC12F08 Datasheet HTML 5Page - Astec America, Inc APC12F08 Datasheet HTML 6Page - Astec America, Inc APC12F08 Datasheet HTML 7Page - Astec America, Inc APC12F08 Datasheet HTML 8Page - Astec America, Inc APC12F08 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 1 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Centauri II (APC12) Non-Isolated DC/DC Power Module
Tiny SMT Footprint – 1.8V-12V Input, 0.9V to 3.6V Output
The APC12 Centauri II series is Astec’s recent addition to its non-isolated SMT POL line. With the wide
acceptance of it’s predecessor (APC08 series) and the continuous system requirement for higher load current, the
Centauri platform have been revolutionized to provide 12A load current from it’s original 8A device. The APC12
offers the same standard features common to the Centauri Product Line: wide input voltage range; wide output
voltage range; high efficiency; Positive Output Enable; Power Good signal and Current Sharing. It also adapts the
same Centauri SMT footprint for optimum user flexibility and multiple sourcing.
The APC12 also comes with an output Trim pin, which allows output adjustment from 0.9V to 3.6V through
external resistance programming. It works from a wide input voltage range of 1.8V to 13V and offers an extensive
array of output voltages starting from 0.9V to 3.6V. It is ideal for Point of Load applications and provides the most
flexibility for the ever-changing DSP and ASIC power requirements.
Electrical Parameters
Input
Input range
1.8-6.0VDC and 6.0-13.0VDC
Input Surge
14V
Efficiency
3.3V @ 93.4% (Typical @ 10A)
92.3% (Typical @ 12A)
Control
Enable TTL compatible (Positive Logic)
Output
Regulation
(Line, Load, Temp)
<3%
Ripple and noise
75mV - (
≥≥≥≥2.5V Output)
50mV - (<2.5V Output)
Output voltage
adjust range
0.9V to 3.6V (J Version)
Transient Response
typical 5% deviation
with 50% to 75% step
load 200 µS recovery
Special Features
•
Point of Load (POL) applications
•
High efficiency, 3.3V@94% (25%-75% Load)
•
Open Frame SMT
•
Remote On/Off (Positive Enable)
•
Low output ripple and noise
•
Regulation to zero load
•
Programmable Output from 0.9V to 3.6V
•
Fixed frequency switching (200 KHz)
•
Power Good Signal (Optional)
•
Active Current share (Optional)
Safety
Designed to meet:
UL, cUL
60950 Recognized (Pending)
TUV
EN60950 Licensed (Pending)
Industry Standard
0.63” x 1.3” x 0.29H SMT
Environmental Specifications
•
Operating temperature: -40°C to +85°C
•
Storage temperature: -40°C to +125°C
•
MTBF: >1 million hours
PRELIMINARY


Similar Part No. - APC12F08

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12F08 ASTEC-APC12F08 Datasheet
183Kb / 2P
40 Watts
More results

Similar Description - APC12F08

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com