Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12F08 Datasheet(PDF) 12 Page - Astec America, Inc

Part # APC12F08
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08 Datasheet(HTML) 12 Page - Astec America, Inc

Back Button APC12F08 Datasheet HTML 8Page - Astec America, Inc APC12F08 Datasheet HTML 9Page - Astec America, Inc APC12F08 Datasheet HTML 10Page - Astec America, Inc APC12F08 Datasheet HTML 11Page - Astec America, Inc APC12F08 Datasheet HTML 12Page - Astec America, Inc APC12F08 Datasheet HTML 13Page - Astec America, Inc APC12F08 Datasheet HTML 14Page - Astec America, Inc APC12F08 Datasheet HTML 15Page - Astec America, Inc APC12F08 Datasheet HTML 16Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 12 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Power Good Signal Operation (Option (-9MA)):
PG pin provides an output signal indicating the Vout is
operational (TTL logic signal). It can sink current up to a max
of 5mA and can have a maximum external pull-up voltage of
6V. Please see recommended setup shown on Figure 6.
Active Current Share Operation (Option (-9MA)):
Active Current share pin is compatible with like modules only (APC08 to APC08 or APC12 to APC12). Connecting this pin
directly with the same Pin from another module guarantees current sharing to within 40% to 60% Iout. Note that this pin is not
compatible with competitive modules that employ active current sharing.
To attain efficient current sharing between like modules, the following points are recommended:
a) The modules to be shared should be located as close as possible into the host card.
b) The copper tracks that connect Vo and GND should at least be 0.60" in width with at least 2 oz. Cu.
Figure 6. PGood setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com