Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12F08 Datasheet(PDF) 5 Page - Astec America, Inc

Part # APC12F08
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08 Datasheet(HTML) 5 Page - Astec America, Inc

  APC12F08 Datasheet HTML 1Page - Astec America, Inc APC12F08 Datasheet HTML 2Page - Astec America, Inc APC12F08 Datasheet HTML 3Page - Astec America, Inc APC12F08 Datasheet HTML 4Page - Astec America, Inc APC12F08 Datasheet HTML 5Page - Astec America, Inc APC12F08 Datasheet HTML 6Page - Astec America, Inc APC12F08 Datasheet HTML 7Page - Astec America, Inc APC12F08 Datasheet HTML 8Page - Astec America, Inc APC12F08 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 5 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Response:
Slew Rate
Load Change: 50% - 75% IO,max
Peak Deviation Settling Time
to VO,nom
All
All
All
∆IO/∆t
-
-
-
-
-
0.1
5
100
-
10
200
A/µs
%VO
µs
Load Change: 50% - 25% IO,max
Peak Deviation Settling Time
to VO,nom
All
All
-
-
-
-
5
100
10
200
%VO
µs
Output Voltage Overshoot
Passive Resistive Full Load
All
-
-
5
-
%Vo
Note:
3. Ripple specs are specified at 56uF decoupling capacitance for 03 devices and 100uF for 08 devices.
4. This feature is only for module protection and is not intended for customer application. The value is
specified at 25°C ambient air temperature. Operation outside the power-derating curve may result to an
OCP.
5. Pulse train with 90ms period and 1 ms pulse width. Average IOUT equals about zero.
6. Input to Output Turn-on time is defined as the difference between t1 and t2: where t1 is the time when
the input voltage reaches the minimum VIN (VIN = VIN,min) and t2 is the time when the output voltage
reaches its specified range (VO = VO,SET-MIN).
FEATURE SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Adjustment Range7
-9 opt
-9MA opt
-
-
VO
VO
-
-
3.6
3.6
V
V
Module Parallel Capability
VIN = VIN,min to VIN,max at
IO-TOT = (IO,max)/(60%)
Current Sharing to be within:
-9MA opt
-
40
-
60
%IO-TOT
Power Good8
Open Collector: max sink current
max pull-up voltage
All
All
-
-
-
-
5
6
mA
V
Output Enable9
Open Collector TTL compatible
Module ON: Logic High
Module OFF: Logic Low
Collector Current
All
All
All
4.1
0
-
-
-
-
14
0.8
60
Vdc
Vdc
µA
Note:
7. Single resistor adjustment or single resistor plus a voltage source adjustment. Refer to sheet 9 for
recommendations on how to trim the output voltage.
8. Refer to Figure 6 for the PGood configuration.
9. Refer to Figure 3 for the Output Voltage Enable configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com