Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48LS033F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA48LS033F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS033F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA48LS033F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 9Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 10Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
8
0
0.4
1.2
1.6
0
40
80
120
160
200
0.8
25.4×25.4×0.8mm
Refer to Note 5 for the
pattern when mounted on
a glass epoxy board.
PDmax – Ta
VOUT – Tj
VOUT – VIN
I B – VIN
I B – Tj
Ambient temperature Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
I B – IOUT
Output current IOUT (mA)
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
TA48LS033F
VIN = 5.3 V
I OUT = 5 mA
0
4
8
0
2
3
1
4
6
TA48LS033F
Tj = 25°C
150 mA
IOUT = 5 mA
IOUT = 5 mA
0
10
2
150
−50
50
0
100
TA48LS033F
VIN = 5.3 V
6
300 mA
300
0
100
TA48LS033F
VIN = 5.3 V
Tj = 25°C
200
IOUT = 150 mA
8
0
4
2
6
TA48LS033F
Tj = 25°C
0
20
8
12
50 mA
5 mA
2
16
4
4
8
0
10
2
6
4
8
50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com