Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48LS033F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA48LS033F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS033F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA48LS033F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
3
Absolute Maximum Rating (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
14
V
EN Input voltage
VEN
14
V
Output current
IOUT
300
mA
Operating junction temperature
Tj(opr)
-40~150
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Power dissipation(Note 5) Ta
= 25°C
PD
1.2
W
Note 3: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 4: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
hermal resistance, junction to ambient
Rth (j−a)
102
℃
/ W
Note 5: Glass epoxy board
Operating Input Voltage Range
Characteristic
Symbol
Min
Typ.
Max
Unit
VOUT <= 1.8V
2.5(Note6)
⎯
14.0
Input voltage
VOUT >= 2.5V
VIN
VOUT + VD
⎯
14.0
V
Note 6: This is the voltage at which the IC begins operating. VD must be considered when determining the best
input voltage for the application.
Protection Function (Reference)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
150
170
⎯
°C
Thermal shutdown hysteresis width
TSD(hys)
VIN = 2.5 V (015F) / 2.8 V (018F) /
3.5 V (025F) / 4.3 V (033F) /
6.0 V (05F)
⎯
15
⎯
°C
VIN = VOUT + 2 V, Tj = 25°C
300
500
⎯
Peak circuit current
IPEAK
VIN = VOUT + 5 V, Tj = 25°C
300
500
⎯
mA
VIN = VOUT + 2 V, Tj = 25°C
⎯
300
⎯
Short circuit current
ISC
VIN = 14V , Tj = 25°C
⎯
300
⎯
mA
Note 7: Ensure that the devices operate within the limits of the maximum rating when in actual use.
Material :FR-4
25.4
× 25.4 × 1.6
Unit : (mm)
Cu base thickness : 35
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com