Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48LS033F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA48LS033F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS033F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA48LS033F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS033F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48LS015F, TA48LS018F, TA48LS025F,
TA48LS033F, TA48LS05F
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
The TA48LS***F series consists of small-surface mount type
low-dropout regulators with an output current of 300mA
(maximum) and an ON/OFF control switch. Control by an EN
(ON/OFF) terminal enables the regulator to be operated only
when required (output ON).
Therefore these newly developed regulators are suitable for use
in the power supply circuits of AV, OA and other digital devices
equipped with a stand-by function, and of battery-operated
portable data devices of various types, where they will contribute
to energy saving. Moreover, the regulators have an output
voltage line-up starting from 1.5V, corresponding to the lower
voltage of various devices.
Features
• Built-in ON/OFF control function (active high)
• Maximum output curren : 300 mA
• Low output voltage
: 1.5 / 1.8 / 2.5 / 3.3 / 5.0 V
• Output voltage accuracy : VOUT ± 2.5 % (@Tj = 25°C)
• Low quiescent current
: 1 mA (Typ.) (@IOUT = 0 A)
• Low standby current (output OFF mode): 0.2μA (Typ.)
• Low-dropout voltage
: 0.5 V (Max) (@VOUT >= 1.8V, IOUT = 150m A)
• Protection function
: Over current protection / thermal shutdown
• Package type
: PS-8
Pin Assignment
Product No.
Marking
TA48LS015F
LS015
TA48LS018F
LS018
TA48LS025F
LS025
TA48LS033F
LS033
TA48LS05F
LS05
Note 1: In the actual product number, ”***” is replaced by the output voltage of the product.
Weight : 0.08 g (Typ.)
8
7
6
5
1
2
3
4
Marking
Lot No.
1 : N.C.
2~4 : GND
5 : IN
6 : EN
7 : N.C.
8 : OUT
* Weekly code:
(Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(Lowest-order digit of the calendar year)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)


Similar Part No. - TA48LS033F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48LS033F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com