Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48M033 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 48M033
Description  Three-Terminal Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  48M033 Datasheet HTML 1Page - Toshiba Semiconductor 48M033 Datasheet HTML 2Page - Toshiba Semiconductor 48M033 Datasheet HTML 3Page - Toshiba Semiconductor 48M033 Datasheet HTML 4Page - Toshiba Semiconductor 48M033 Datasheet HTML 5Page - Toshiba Semiconductor 48M033 Datasheet HTML 6Page - Toshiba Semiconductor 48M033 Datasheet HTML 7Page - Toshiba Semiconductor 48M033 Datasheet HTML 8Page - Toshiba Semiconductor 48M033 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA48M025,03,033,0345,04,05F
2007-03-16
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48M025F,TA48M03F,TA48M033F,
TA48M0345F,TA48M04F,TA48M05F
2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V
Three-Terminal Low Dropout Voltage Regulator
The TA48M**F series consists of fixed-positive-output, low
dropout regulators with an output current of 500 mA (max). In
response to the need for low voltage devices, the series offers
devices with low output voltages of 2.5 V, 3 V, 3.3 V, 3.45 V, and 4
V, which are not included in the existing TA78DM**S series (0.5
A low dropout).
Features
• Maximum output current of 0.5 A
• Low standby current: 0.8 mA (typ.)
• Low dropout voltage: 0.65 V (max) @IOUT = 0.5 A
• Protection function:
overheat/overcurrent/overvoltage/reversed power supply
connections.
• PW-Mold package:
Surface-mount type for reflow soldering is also supported.
Pin Assignment
Marking
TA48M**F (S)
TA48M**F (LBS1, S) (TE16L, S)
Weight
HSIP3-P-2.30B: 0.36 g (typ.)
HSOP3-P-2.30A: 0.36 g ( typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Product No. (or abbreviation code)
1
2
3
3
48M**F
Marking side
3
2
1
IN
GND OUT
HEATSINK


Similar Part No. - 48M033

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
48M033 TOSHIBA-48M033 Datasheet
336Kb / 11P
2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator
2008-12-12
More results

Similar Description - 48M033

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com