Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASM15
Description  15W Ultraminiature Medical Grade Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASM15 Datasheet HTML 1Page - Astrodyne Corporation ASM15 Datasheet HTML 2Page - Astrodyne Corporation ASM15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 5 series
300 myles standish Blvd., Taunton, ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COm
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
4000V Isolation
UL60601-1, EN60601-1 & IEC60601-1
Single Output from 3.3 to 24 VDC
model Number
Output Voltage
Output amps (max)
(pk)
ASM-1500
3.3 VDC
3.5A
3.8A
ASM-1501
5 VDC
3A
3.6A
ASM-1502
12 VDC
1.25A
1.5A
ASM-1503
15VDC
1A
1.25A
ASM-1505
24VDC
0.63A
0.75A
3”W x 2.10”L x 0.86”H
Order On-Line!
astrodyne.com


Similar Part No. - ASM15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-12 ASTRODYNE-ASM150-12 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-12 ASTRODYNE-ASM150-12 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
More results

Similar Description - ASM15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
15W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
15W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com