Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3919B Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3919B
Description  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 17Page - Microchip Technology MCP3919B Datasheet HTML 18Page - Microchip Technology MCP3919B Datasheet HTML 19Page - Microchip Technology MCP3919B Datasheet HTML 20Page - Microchip Technology MCP3919B Datasheet HTML 21Page - Microchip Technology MCP3919B Datasheet HTML 22Page - Microchip Technology MCP3919B Datasheet HTML 23Page - Microchip Technology MCP3919B Datasheet HTML 24Page - Microchip Technology MCP3919B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 21
MCP3919B
a WRITE command. Toggling SDI after a READ or
WRITE command, or when CS is logic high has no
effect.
This input is Schmitt triggered.
In Two-Wire Interface mode, this is the OSR1 logic
select input pin (see Section 7.0 “Two-Wire Serial
Interface Description” for the logic input table for
OSR0 and OSR1). The pin state is latched when the
mode changes to Two-Wire Interface mode and is
relatched at each Watchdog Timer Reset.
3.14
Master Reset/OSR0 Logic Input
(RESET/OSR0)
In SPI mode, this pin is active-low and places the entire
chip in a Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place and no
clock is distributed inside the part, except in the input
structure if MCLK is applied (if MCLK is Idle, then no
clock is distributed). This state is equivalent to a
Power-on Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is equiv-
alent to when RESET is logic high. Only the digital
power consumption is largely reduced because this
current consumption is essentially dynamic and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational 2-MCLK periods just
after a RESET rising edge. However, after a POR or
Master/Hard Reset event, the part may require a start-
up time to allow settling of the input structure and
internal circuity before generating reliable and accurate
results.
This input is Schmitt-triggered.
In Two-Wire Interface mode, this is the OSR0 logic
select pin (see Section 7.0 “Two-Wire Serial Inter-
face Description” for the logic input table for OSR0
and OSR1). The pin state is latched when the mode
changes to Two-Wire Interface mode and is relatched
at each Watchdog Timer Reset.
3.15
Digital Power Supply (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3919B. It is distributed on several pins
(pins 12 and 24 in the QFN package, one pin only in the
SSOP package). For optimal performance, it is
recommended to connect these pins together using a
star connection and to connect appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). Maintain DVDD between 2.7V and 3.6V for
specified operation.
At least one of these pins needs to be properly
connected to ensure proper functionality of the device.
All of these pins need to be properly connected to
ensure optimal performance of the device. If any of
these pins are left floating, the accuracy and noise
specifications are not ensured.
3.16
Exposed Thermal Pad
This pin must be connected to AGND or left floating for
proper operation. Connecting it to AGND is preferable for
lowest noise performance and best thermal behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com