Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3919B Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3919B
Description  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 25Page - Microchip Technology MCP3919B Datasheet HTML 26Page - Microchip Technology MCP3919B Datasheet HTML 27Page - Microchip Technology MCP3919B Datasheet HTML 28Page - Microchip Technology MCP3919B Datasheet HTML 29Page - Microchip Technology MCP3919B Datasheet HTML 30Page - Microchip Technology MCP3919B Datasheet HTML 31Page - Microchip Technology MCP3919B Datasheet HTML 32Page - Microchip Technology MCP3919B Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 29
MCP3919B
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CHn+/-)
The MCP3919B analog inputs can be connected
directly to current and voltage transducers (such as
shunts, Current Transformers, or Rogowski coils).
Each input pin is protected by specialized ESD
structures that allow bipolar ±2V continuous voltage,
with respect to AGND, to be present at their inputs
without the risk of permanent damage.
All channels have fully differential voltage inputs for
better noise performance. Maintain the absolute volt-
age at each pin, relative to AGND, in the ±1V range
during operation to ensure the specified ADC accuracy.
Adapt the Common-mode signals to respect both the
previous conditions and the differential input voltage
range. For best performance, maintain the Common-
mode signals to AGND.
5.2
Programmable Gain Amplifiers
(PGA)
The three Programmable Gain Amplifiers (PGAs)
reside at the front end of each Delta-Sigma ADC. They
have two functions: translate the Common-mode volt-
age of the input from AGND to an internal level between
AGND and AVDD, and amplify the input differential
signal. The translation of the Common-mode voltage
does not change the differential signal, but recenters
the Common-mode so that the input signal can be
properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the Delta-Sigma
modulator must not be exceeded. The PGA on each
channel is independent and is controlled by the
PGA_CHn[2:0] bits in the GAIN register. Table 5-1
displays the gain settings for the PGA.
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
All ADCs are identical in the MCP3919B and they
include a proprietary second-order modulator with a
multibit 5-level DAC architecture (see Figure 5-1). The
quantizer is a Flash ADC composed of four compara-
tors with equally spaced thresholds and a thermometer
output coding. The proprietary 5-level architecture
ensures minimum quantization noise at the outputs of
the modulators without disturbing linearity or inducing
additional distortion. The sampling frequency is
DMCLK (typically 1 MHz with MCLK = 4 MHz), so the
modulators are refreshed at a DMCLK rate.
Figure 5-1 represents a simplified block diagram of the
Delta-Sigma ADC present on the MCP3919B.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
Note:
If the analog inputs are held to a potential
of -0.6 to -1V for extended periods of time,
MCLK must be present inside the device
in order to avoid large leakage currents at
the analog inputs. However, during the
Shutdown mode of all the ADCs or POR
state, the clock is not distributed inside the
circuit. During these states, it is recom-
mended to keep the analog input voltages
above
-0.6V, referred to as AGND, to
avoid high analog input leakage currents.
TABLE 5-1:
PGA CONFIGURATION
SETTING
GAIN
PGA_CHn[2:0]
Gain
(V/V)
Gain
(dB)
VIN = (CHn+) – (CHn-)
Differential
Input Range (V)
00
0
10
±0.6
00
1
26
±0.3
01
0
4
12
±0.15
01
1
8
18
±0.075
10
0
16
24
±0.0375
10
1
32
30
±0.01875
Note:
The two undefined settings are G = 1. This table
is defined with VREF = 1.2V.
Second-
Order
Integrator
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bitstream
5-Level
Flash ADC
MCP3919B Delta-Sigma Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com