Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3919B Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3919B
Description  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 35Page - Microchip Technology MCP3919B Datasheet HTML 36Page - Microchip Technology MCP3919B Datasheet HTML 37Page - Microchip Technology MCP3919B Datasheet HTML 38Page - Microchip Technology MCP3919B Datasheet HTML 39Page - Microchip Technology MCP3919B Datasheet HTML 40Page - Microchip Technology MCP3919B Datasheet HTML 41Page - Microchip Technology MCP3919B Datasheet HTML 42Page - Microchip Technology MCP3919B Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 39
MCP3919B
5.13.2
DIGITAL GAIN ERROR
CALIBRATION
These registers are signed 24-bit, MSB first registers
coded with a range of -1x to +(1 – 2-23)x (from
0x800000 to 0x7FFFFF). The gain calibration adds 1x
to this register and multiplies it to the output code of the
channel, bit by bit, after offset calibration. The range of
the gain calibration is thus from 0x to 1.9999999x (from
0x800000 to 0x7FFFFF). The LSB corresponds to
a2-23 increment in the multiplier.
Enabling EN_GAINCAL creates a pipeline delay of
24 DMCLK periods on all channels. All data ready
pulses are delayed by 24 DMCLK periods, starting from
the data ready following the command enabling the
EN_GAINCAL bit. The gain calibration is effective on
the next data ready following the command enabling
the EN_GAINCAL bit.
The digital gain calibration does not function when the
corresponding channel is in Reset or Shutdown mode.
The gain multiplier value for an LSB in these 24-bit
registers is:
EQUATION 5-9:
This register is ignored if EN_GAINCAL = 0 (offset cal-
ibration disabled), but its value is not cleared by the
EN_GAINCAL bit.
The output data on each channel are kept to either
7FFF or 8000 (16-bit mode) or 7FFFFF or 800000
(24-bit mode) if the output results are out of bounds
after all calibrations are performed.
EQUATION 5-10:
DIGITAL OFFSET AND GAIN ERROR CALIBRATION REGISTERS CALCULATIONS
GAIN (1 LSB) = 1/8388608
DATA_CHn post cal
–

DATA_CHn pre cal
–
 OFFCAL_CHn
+

1
GAINCAL_CHn
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com