Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4/TR Datasheet(PDF) 2 Page - Microchip Technology

Part # MMA047CP4/TR
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4/TR Datasheet(HTML) 2 Page - Microchip Technology

  MMA047CP4/TR Datasheet HTML 1Page - Microchip Technology MMA047CP4/TR Datasheet HTML 2Page - Microchip Technology MMA047CP4/TR Datasheet HTML 3Page - Microchip Technology MMA047CP4/TR Datasheet HTML 4Page - Microchip Technology MMA047CP4/TR Datasheet HTML 5Page - Microchip Technology MMA047CP4/TR Datasheet HTML 6Page - Microchip Technology MMA047CP4/TR Datasheet HTML 7Page - Microchip Technology MMA047CP4/TR Datasheet HTML 8Page - Microchip Technology MMA047CP4/TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MMA047CP4
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 2
Table of Contents
Product Overview................................................................................................................................................................. 1
1. Electrical Specifications.................................................................................................................................................3
1.1. Typical Electrical Performance......................................................................................................................... 3
1.2. Absolute Maximum Ratings..............................................................................................................................3
1.3. Typical Performance Curves.............................................................................................................................4
2. Package Specifications................................................................................................................................................16
3. Application Circuit....................................................................................................................................................... 17
4. Ordering, Shipping, and Handling.............................................................................................................................21
4.1. Handling Recommendations..........................................................................................................................21
4.2. Ordering Information...................................................................................................................................... 21
4.3. Packing Information........................................................................................................................................ 21
5. Revision History...........................................................................................................................................................22
Microchip Information....................................................................................................................................................... 23
Trademarks..................................................................................................................................................................23
Legal Notice..................................................................................................................................................................23
Microchip Devices Code Protection Feature............................................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com