Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4/TR Datasheet(PDF) 16 Page - Microchip Technology

Part # MMA047CP4/TR
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4/TR Datasheet(HTML) 16 Page - Microchip Technology

Back Button MMA047CP4/TR Datasheet HTML 12Page - Microchip Technology MMA047CP4/TR Datasheet HTML 13Page - Microchip Technology MMA047CP4/TR Datasheet HTML 14Page - Microchip Technology MMA047CP4/TR Datasheet HTML 15Page - Microchip Technology MMA047CP4/TR Datasheet HTML 16Page - Microchip Technology MMA047CP4/TR Datasheet HTML 17Page - Microchip Technology MMA047CP4/TR Datasheet HTML 18Page - Microchip Technology MMA047CP4/TR Datasheet HTML 19Page - Microchip Technology MMA047CP4/TR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MMA047CP4
Package Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 16
2.
Package Specifications
Figure 2-1. Package Outline Drawing
Table 2-1. I/O Description
Pin Number
Pin Name
Pin Description
4, 5
RFIN
These pads are DC-coupled to 50Ω
termination and matched to 50Ω RF.
15, 16
RFOUT
These pads are decoupled from DC and
matched to 50Ω RF.
22
VDD
VDD bias supply
10, 11
VGA, VGB
Connect to RF/DC ground
9
VSB
Used to control bias current (See Table
3-1 below)
3, 6, 14, 17 and Backside Paddle
Ground
1, 2, 7, 8, 12, 13, 18, 19, 20, 21, 23, 24
N/C
Not connected internally, but
recommend they are grounded on the
PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com