Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4/TR Datasheet(PDF) 14 Page - Microchip Technology

Part # MMA047CP4/TR
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4/TR Datasheet(HTML) 14 Page - Microchip Technology

Back Button MMA047CP4/TR Datasheet HTML 10Page - Microchip Technology MMA047CP4/TR Datasheet HTML 11Page - Microchip Technology MMA047CP4/TR Datasheet HTML 12Page - Microchip Technology MMA047CP4/TR Datasheet HTML 13Page - Microchip Technology MMA047CP4/TR Datasheet HTML 14Page - Microchip Technology MMA047CP4/TR Datasheet HTML 15Page - Microchip Technology MMA047CP4/TR Datasheet HTML 16Page - Microchip Technology MMA047CP4/TR Datasheet HTML 17Page - Microchip Technology MMA047CP4/TR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MMA047CP4
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 14
Figure 1-54. IM2 vs. Power at 7V/180 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-55. IM3 vs. Power at 5V/120 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-56. IM3 vs. Power at 6V/150 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-57. IM3 vs. Power at 7V/180 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-58. 2-nd Harmonic vs. Power at 5V/120 mA
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-59. 2-nd Harmonic vs. Power at 6V/150 mA
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com