Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM40 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # OFM40
Description  40-60W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM40 Datasheet(HTML) 3 Page - Astrodyne Corporation

  OFM40 Datasheet HTML 1Page - Astrodyne Corporation OFM40 Datasheet HTML 2Page - Astrodyne Corporation OFM40 Datasheet HTML 3Page - Astrodyne Corporation OFM40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
40-60W Ultraminiature Open Frame Switching Power Supplies
O F M 4 0 / 6 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
30A @ 100VAC Input *
50A @ 200VAC Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
(10-100% FL)
Single Outputs
+/-1%
Dual/Triple Output
+/-3%
Line Regulation
Singles +/- 0.5 max
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 6% of FS (Primary)
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise, 20Mhz BW
50mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
8 mS, typ
GENERAL SPECIFICATIONS
Input-Out Isolation
I/P-O/P:3000VAC
Efficiency
74%~88%, typ
Switching Frequency
100Khz, (fixed, typical)
Safety
UL, TUV
PHYSICAL SPECIFICATIONS
Size
2” x 4” x 1.2”
50.8 x 101.6 x 30.48mmConstruction
Open Frame
Weight
7oz (198g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C(FL)
Storage Temperature
-40 to +85°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
CISPR/FCC Class B
MTBF
300,000 Hrs
Mil Std 217, 25C
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com