Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM40 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # OFM40
Description  40-60W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM40 Datasheet(HTML) 2 Page - Astrodyne Corporation

  OFM40 Datasheet HTML 1Page - Astrodyne Corporation OFM40 Datasheet HTML 2Page - Astrodyne Corporation OFM40 Datasheet HTML 3Page - Astrodyne Corporation OFM40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40-60W Ultraminiature Open Frame Switching Power Supplies
O F M 4 0 / 6 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
2”W x 4”L x 1.2”H
40W to 60W Output Power
Universal 90-264VAC Input
Single Outputs from 3.3 to 48VDC
High Efficiency to 88%
3000V Isolation
1U Compatible Height
Model Number
Output Voltage
Output Amps
Efficiency %
60 WATT
OFM60-033
3.3VDC
8
74
OFM60-050
5VDC
8
78
OFM60-090
9VDC
6.67
82
OFM60-120
12VDC
5
84
OFM60-150
15VDC
4
85
OFM60-240
24VDC
2.5
86
OFM60-300
30VDC
2
86
OFM60-360
36VDC
1.67
87
OFM60-480
48VDC
1.25
88
Order On-Line!
astrodyne.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com