Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM40 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # OFM40
Description  40-60W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM40 Datasheet(HTML) 1 Page - Astrodyne Corporation

  OFM40 Datasheet HTML 1Page - Astrodyne Corporation OFM40 Datasheet HTML 2Page - Astrodyne Corporation OFM40 Datasheet HTML 3Page - Astrodyne Corporation OFM40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40-60W Ultraminiature Open Frame Switching Power Supplies
O F M 4 0 / 6 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
2”W x 4”L x 1.2”H
40W to 60W Output Power
Universal 90-264VAC Input
Single, Dual & Triple Outputs from 3.3 to 48VDC
High Efficiency to 88%
3000V Isolation
1U Compatible Height
Model Number
Output Voltage
Output Amps
Efficiency %
40W SINGLE OUTPUT
OFM40-033
3.3VDC
6
74
OFM40-050
5VDC
6
78
OFM40-090
9VDC
4.45
82
OFM40-120
12VDC
3.34
84
OFM40-150
15VDC
2.67
85
OFM40-240
24VDC
1.67
86
OFM40-300
30VDC
1.33
86
OFM40-360
36VDC
1.11
87
OFM40-480
48VDC
0.83
88
40W DUAL OUTPUT
V1/V2
I1/I2 (Min.-Max.)
OFM40D-01
5 / 12VDC
0.4 - 3.2 / 0.2 - 2A
77
OFM40D-02
5 / 24VDC
0.4 - 3.2 / 0.2 - 1.2A
78
40W TRIPLE OUTPUT V1/V2/V3
I1/I2/I3 (Min.-Max.)
OFM40T-01
5/12/-5VDC
0.4 - 3/0.2 - 2/0 - 0.3A
75
OFM40T-02
5/12/-12VDC
0.4 - 3/0.2 - 2/0 - 0.3A
75
OFM40T-03
5/15/-15VDC
0.4 - 3/0.2 - 1.6/0 - 0.3A
75
OFM40T-04
5/24/-12VDC
0.4 - 3/0.2 - 1/0 - 0.3A
75
OFM40T-05
5/25/-5VDC
0.4 - 3/0.2 - 1/0 - 0.3A
75
OFM40T-06
5/24/12VDC
0.4 - 3/0.2 - 1/0 - 0.3A
75
OFM40T-07
3.3/5/-12VDC
0.4 - 5/0.2 - 2/0 - 0.3A
68
Order On-Line!
astrodyne.com


Similar Part No. - OFM40

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM40-033 ASTRODYNE-OFM40-033 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
OFM40-050 ASTRODYNE-OFM40-050 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
OFM40-090 ASTRODYNE-OFM40-090 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
OFM40-120 ASTRODYNE-OFM40-120 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
OFM40-150 ASTRODYNE-OFM40-150 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM40

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
60W Ultraminiature Medical Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60_16 Datasheet
700Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60_16 Datasheet
655Kb / 5P
60W Ultraminiature Medical Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM40 ASTRODYNE-OFM40_16 Datasheet
217Kb / 4P
40-60W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com