Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L100/33 Datasheet(PDF) 74 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 74 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 66Page - Littelfuse 2016L100/33 Datasheet HTML 67Page - Littelfuse 2016L100/33 Datasheet HTML 68Page - Littelfuse 2016L100/33 Datasheet HTML 69Page - Littelfuse 2016L100/33 Datasheet HTML 70Page - Littelfuse 2016L100/33 Datasheet HTML 71Page - Littelfuse 2016L100/33 Datasheet HTML 72Page - Littelfuse 2016L100/33 Datasheet HTML 73Page - Littelfuse 2016L100/33 Datasheet HTML 74Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
5
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Part Numbering System
16 R 090 B P R
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
TYPE: B=USB
QUANTITY CODE: P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
R: RADIAL
SERIES
VOLTAGE RATING (VDC)
Packaging
I
hold
(A)
I
hold
Code
Voltage
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.75
075
6
Bulk
500
U
TapeandAmmo
2000
PR
1.20
120
6
Bulk
500
U
TapeandAmmo
2000
PR
1.55
155
6
Bulk
500
U
TapeandAmmo
2000
PR
0.90
080
16
Bulk
500
U
TapeandAmmo
2000
PR
1.10
110
16
Bulk
500
U
TapeandAmmo
2000
PR
1.35
135
16
Bulk
500
U
TapeandAmmo
2000
PR
1.60
160
16
Bulk
500
U
TapeandAmmo
2000
PR
1.85
185
16
Bulk
500
U
TapeandAmmo
2000
PR
2.50
250
16
Bulk
500
U
TapeandAmmo
2000
PR
USBR Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com