Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L100/33 Datasheet(PDF) 1 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 1 Page - Littelfuse

  2016L100/33 Datasheet HTML 1Page - Littelfuse 2016L100/33 Datasheet HTML 2Page - Littelfuse 2016L100/33 Datasheet HTML 3Page - Littelfuse 2016L100/33 Datasheet HTML 4Page - Littelfuse 2016L100/33 Datasheet HTML 5Page - Littelfuse 2016L100/33 Datasheet HTML 6Page - Littelfuse 2016L100/33 Datasheet HTML 7Page - Littelfuse 2016L100/33 Datasheet HTML 8Page - Littelfuse 2016L100/33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse
0805L Series
Specifications are subject to change without notice.

Electronics Designers Guide
0805L Series
Thenew0805Lseriesdeviceprovidessurfacemount
overcurrentprotectionforapplicationswherespaceisat
apremiumandresettableprotectionisdesired.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
0805L010
A
0.10
0.30
15
100
0.5
0.50
1.50
1.000
3.500
6.000
X
X
0805L020
C
0.20
0.50
9
100
0.5
8.00
0.02
0.650
2.000
3.500
X
X
0805L035
E
0.35
0.75
6
100
0.5
8.00
0.10
0.250
0.750
1.200
X
X
0805L050
F
0.50
1.00
6
100
0.5
8.00
0.10
0.150
0.500
0.850
X
X
0805L075
G
0.75
1.50
6
40
0.6
8.00
0.20
0.090
–
0.350
X
X
0805L100
N
1.0
1.95
6
40
0.6
8.00
0.30
0.060
–
0.210
X
X
I
hold=Holdcurrent:maximumcurrentdevicewillpasswithouttrippingin20°Cstillair.
I
trip=Tripcurrent:minimumcurrentatwhichthedevicewilltripin20°Cstillair.
V
max=Maximumvoltagedevicecanwithstandwithoutdamageatratedcurrent(Imax)
I
max=Maximumfaultcurrentdevicecanwithstandwithoutdamageatratedvoltage(Vmax)
P
d=Powerdissipatedfromdevicewheninthetrippedstateat20°Cstillair.
R
min=Minimumresistanceofdeviceininitial(un-soldered)state.
R
typ=Typicalresistanceofdeviceininitial(un-soldered)state.
R
1max=Maximumresistanceofdeviceat20°Cmeasuredonehouraftertrippingorreflow
solderingof260°Cfor20sec.
Caution:Operationbeyondthespecifiedratingmayresultindamageandpossiblearcing
andflame.
Description
Features
Applications
•RoHScompliantand
lead-free
•Fastresponsetofault
currents
•Compactdesignsaves
boardspace
•Lowresistance
•Low-profile
•Compatiblewithhigh
temperaturesolders
•USBperipherals
•Diskdrives
•CD-ROMs
•Plugandplayprotection
formotherboardsand
peripherals
•Mobilephones-battery
andportprotection
•Diskdrives
•PDAs/digitalcameras
•Gameconsoleport
protection


Similar Part No. - 2016L100/33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L100/33 LITTELFUSE-2016L100/33 Datasheet
341Kb / 4P
POLYFUSE짰 Resettable PTCs
2016L100/33 LITTELFUSE-2016L100/33 Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
2016L100/33 LITTELFUSE-2016L100/33 Datasheet
768Kb / 5P
POLY-FUSE Resettable PTCs
2016L100/33DR LITTELFUSE-2016L100/33DR Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
2016L100/33DR LITTELFUSE-2016L100/33DR Datasheet
768Kb / 5P
POLY-FUSE Resettable PTCs
More results

Similar Description - 2016L100/33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
POLYFUSE짰 Resettable PTCs Surface Mount
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com