Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L100/33 Datasheet(PDF) 13 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 13 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 9Page - Littelfuse 2016L100/33 Datasheet HTML 10Page - Littelfuse 2016L100/33 Datasheet HTML 11Page - Littelfuse 2016L100/33 Datasheet HTML 12Page - Littelfuse 2016L100/33 Datasheet HTML 13Page - Littelfuse 2016L100/33 Datasheet HTML 14Page - Littelfuse 2016L100/33 Datasheet HTML 15Page - Littelfuse 2016L100/33 Datasheet HTML 16Page - Littelfuse 2016L100/33 Datasheet HTML 17Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
0L Series
Specifications are subject to change without notice.
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: W=3000 Y=4000
R: Tape & Reel
1210 L 110 W R
SERIES
Dimensions
Part Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min.
Min. Min Max. Min. Max.
1210L005
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.05 0.75 1.25
0.01
0.25 0.008 0.02 0.20 0.50
1210L010
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.05 0.75 1.25
0.01
0.25 0.008 0.02 0.20 0.50
1210L020
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.04 0.60 1.00
0.01
0.25 0.008 0.02 0.20 0.50
1210L035
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L050
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L075
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L110
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.04 0.05 0.90 1.30
0.01
0.25 0.008 0.02 0.20 0.50
1210L150
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.07 0.80 1.80
0.01
0.25 0.008 0.02 0.20 0.50
C
Top
View
Pad
Layout
Side
View
Bottom
View
2.50 mm
(.098)
2.00 mm
(.079)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
SHOWN IS 1.5AMP RATING
E
A
B
K
Packaging
I
hold
(A)
I
hold Code
Packaging Option
Quantity
Quantity &
Packaging Codes
0.05
005
TapeandReel
3000
WR
0.10
010
TapeandReel
3000
WR
0.20
020
TapeandReel
3000
WR
0.35
035
TapeandReel
4000
YR
0.50
050
TapeandReel
4000
YR
0.75
075
TapeandReel
4000
YR
1.10
110
TapeandReel
3000
WR
1.50
150
TapeandReel
2000
PR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com