Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7733F/FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7733F/FG
Description  Functional Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7733F/FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7733F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA7733F/FG
2006-3-2
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Peak supply voltage
VCC
18
V
Output current
IO (AVE.)
0.5
A
350 (Note 1)
Power dissipation
PD
550 (Note 2)
mW
Operating temperature
Topr
−30~75
°C
Storage temperature
Tstg
−55~150
°C
Note 1: No heat sink
Note 2: This rating is obtained when the product is mounted on a 50 × 50 × 1.6 mm PCB of which 60% or more is
occupied by copper.
Electrical Characteristics (unless otherwise specified, Ta = 25°C, VCC = 5 V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
1
Output open, CW / CCW mode
―
13
―
ICC2
1
Output open, stop mode
―
7.2
―
ICC3
1
Output open, brake mode
―
19.2
―
Supply current
ICC4
1
Inhibit (INPUT4 = “L”)
―
2.4
―
mA
Vsat1
2
IO1 = 500 mA, lower side (Output A,
B)
―
0.4
―
OUTPUT saturation voltage
Vsat2
2
IO2 = 25 mA, upper side (Output a, b)
―
0.5
―
V
Output TR leakage current
IL
3
VC = 15 V
―
―
50
µA
“H” level
VIN 1, 2 (H)
―
―
1.2
―
VCC
Input voltage
“L” level
VIN 1, 2 (L)
―
―
―
―
0.3
V
Input current
“L” level
IIN1, 2
4
Input “L” (source current)
―
―
20
µA
“H” level
VIN 3, 4 (H)
―
―
1.0
―
VCC
Input voltage
“L” level
VIN 3, 4 (L)
―
―
―
―
0.3
V
Input current
“H” level
IIN3, 4
4
Input “H” (sink current) VIN = 1 V
―
―
30
µA
Diode forward voltage
VF
5
IF = 0.5 A, VCC = 0 V
―
1
―
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com