Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7733F/FG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA7733F/FG
Description  Functional Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7733F/FG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA7733F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA7733F/FG
2006-3-2
2
Pin Description
Pin No.
Symbol
Functional Description
1
VCC
Power supply voltage terminal
2
NC
No connection
3
IN1
Signal input terminal
4
IN2
Signal input terminal
5
IN3
Signal input terminal
6
IN4
Signal input terminal
Truth table 1
7
NC
No connection
8
GND 2
Logic GND
9
OUT a
Output A upper transistor drive terminal
10
OUT A
11
OUT A
Output A
12
GND 1
13
GND 1
Power GND terminal
14
OUT B
15
OUT B
Output B
16
OUT b
Output B upper transistor drive terminal
Functions
(1)
Bridge driver (truth table 1)
INPUT MODE
OUTPUT
CONTROL
IN1
IN2
IN3
IN4
OUT A
OUT B
OUT a
OUT b
OPERATING
MODE
NOTE
H
L
H
H
ON
(−500 mA)
―
ON
(−25 mA)
―
Forward
rotation
L
H
H
H
―
ON
(−500 mA)
―
ON
(−25 mA)
Reverse
rotation
H
H
H
H
ON
(−500 mA)
ON
(−500 mA)
―
―
Brake
2-input
control
L
L
H
H
―
―
―
―
Stop
H
L
L
H
ON
(−500 mA)
―
ON
(−25 mA)
―
A ON
L
L
L
H
―
ON
(−500 mA)
―
ON
(−25 mA)
B ON
―
1-input
control
H / L
H
L
H
ON
(−500 mA)
ON
(−500 mA)
―
―
AB ON
HIGH
≥ 1.2 V
―
―
―
L
―
―
―
―
INHIBIT
LOW
≤ 0.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com