Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7733F/FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7733F/FG
Description  Functional Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7733F/FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7733F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7733F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA7733F/FG
2006-3-2
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA7733F/FG
Functional Bridge Driver
The TA7733 is a low-voltage bridge driver IC offering four modes:
forward rotation, reverse rotation, stop, and brake.
Features
Wide operating supply voltage range:
VCC (opr.) = 1.8~15 V
Housed in a flat package (16-pin)
Forward and reverse rotation, stop and brake modes are
available by means of rotation control signals.
High efficiency is obtained
Can be used as an interface driver.
Block Diagram
Weight: 0.14 g (typ.)
The TA7733FG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1.
Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2.
Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux


Similar Part No. - TA7733F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7733F TOSHIBA-TA7733F Datasheet
319Kb / 7P
FUNCTIONAL BRIDGE DRIVER
More results

Similar Description - TA7733F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7257P TOSHIBA-TA7257P Datasheet
214Kb / 6P
BRIDGE DRIVER
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
BRIDGE DRIVER
TA7354P TOSHIBA-TA7354P Datasheet
191Kb / 5P
BRIDGE DRIVER
TA7733F TOSHIBA-TA7733F Datasheet
319Kb / 7P
FUNCTIONAL BRIDGE DRIVER
TA8401F TOSHIBA-TA8401F Datasheet
318Kb / 8P
FUNCTIONAL BRIDGE DRIVER
TA8409S TOSHIBA-TA8409S Datasheet
305Kb / 9P
BRIDGE DRIVER
TA8401F TOSHIBA-TA8401F_06 Datasheet
248Kb / 10P
Functional Bridge Driver
logo
CML Microcircuits
FX4070A CMLMICRO-FX4070A Datasheet
232Kb / 6P
FUNCTIONAL SCHEMATIC
logo
Maxim Integrated Produc...
MAXREFDES113 MAXIM-MAXREFDES113 Datasheet
265Kb / 7P
Functional Insulation
MAXREFDES116 MAXIM-MAXREFDES116 Datasheet
275Kb / 7P
Functional insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com