Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4044BCM Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4044BCM
Description  Quad 3-STATE NOR R/S Latches •
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4044BCM Datasheet(HTML) 4 Page - SYC Electronica

  CD4044BCM Datasheet HTML 1Page - SYC Electronica CD4044BCM Datasheet HTML 2Page - SYC Electronica CD4044BCM Datasheet HTML 3Page - SYC Electronica CD4044BCM Datasheet HTML 4Page - SYC Electronica CD4044BCM Datasheet HTML 5Page - SYC Electronica CD4044BCM Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, input tr = tf = 20 ns, unless otherwise noted
Note 4: AC Parameters are guaranteed by DC correlated testing.
Timing Waveforms
CD4043B
CD4044B
Enable Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH, tPHL
Propagation Delay S or R to Q
VDD = 5.0V
175
350
ns
VDD = 10V
75
175
ns
VDD = 15V
60
120
ns
tPZH, tPHZ
Propagation Delay Enable to Q (HIGH)
VDD = 5.0V
115
230
ns
VDD = 10V
55
110
ns
VDD = 15V
40
80
ns
tPZL, tPLZ
Propagation Delay Enable to Q (LOW)
VDD = 5.0V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tTHL, tTLH
Transition Time
VDD = 5.0V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWO
Minimum SET or RESET Pulse Width
VDD = 5.0V
80
160
ns
VDD = 10V
40
80
ns
VDD = 15V
20
40
ns
CIN
Input Capacitance
5.0
7.5
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com