Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4044BCM Datasheet(PDF) 1 Page - SYC Electronica

Part # CD4044BCM
Description  Quad 3-STATE NOR R/S Latches •
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4044BCM Datasheet(HTML) 1 Page - SYC Electronica

  CD4044BCM Datasheet HTML 1Page - SYC Electronica CD4044BCM Datasheet HTML 2Page - SYC Electronica CD4044BCM Datasheet HTML 3Page - SYC Electronica CD4044BCM Datasheet HTML 4Page - SYC Electronica CD4044BCM Datasheet HTML 5Page - SYC Electronica CD4044BCM Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CD4043 - CD4044
Quad 3-STATE NOR R/S Latches •
Quad 3-STATE NAND R/S Latches
General Description
The CD4043BC are quad cross-couple 3-STATE CMOS
NOR latches, and the CD4044BC are quad cross-couple 3-
STATE CMOS NAND latches. Each latch has a separate Q
output and individual SET and RESET inputs. There is a
common 3-STATE ENABLE input for all four latches. A
logic “1” on the ENABLE input connects the latch states to
the Q outputs. A logic “0” on the ENABLE input discon-
nects the latch states from the Q outputs resulting in an
open circuit condition on the Q output. The 3-STATE fea-
ture allows common bussing of the outputs.
Features
s Wide supply voltage range:
3V to 15V
s Low power: 100 nW (typ.)
s High noise immunity: 0.45 VDD (typ.)
s Separate SET and RESET inputs for each latch
s NOR and NAND configuration
s 3-STATE output with common output enable
Applications
• Multiple bus storage
• Strobed register
• Four bits of independent storage with output enable
• General digital logic
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC and SOP
CD4043BC
Top View
Pin Assignments for DIP and SOIC
CD4044BC
Top View
Order Number
Package Number
Package Description
CD4043BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4043BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
CD4044BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4044BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4044BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
www.sycelectronica.com.ar


Similar Part No. - CD4044BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4044BCM FAIRCHILD-CD4044BCM Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
More results

Similar Description - CD4044BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
Quad S-R Latches
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
QUAD 3-STATE R-S LATCHES
Jun-1989
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
Quad. S-R Latches
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
Quad TRI-STATE NOR(NAND) R/S Latches
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
Quad S-R Latches
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
CMOS Quad 3 State R/S Latches
December 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com