Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4044BCM Datasheet(PDF) 5 Page - SYC Electronica

Part # CD4044BCM
Description  Quad 3-STATE NOR R/S Latches •
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4044BCM Datasheet(HTML) 5 Page - SYC Electronica

  CD4044BCM Datasheet HTML 1Page - SYC Electronica CD4044BCM Datasheet HTML 2Page - SYC Electronica CD4044BCM Datasheet HTML 3Page - SYC Electronica CD4044BCM Datasheet HTML 4Page - SYC Electronica CD4044BCM Datasheet HTML 5Page - SYC Electronica CD4044BCM Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com