Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016AZDEX Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI6CB332016AZDEX
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016AZDEX Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI6CB332016AZDEX Datasheet HTML 4Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 5Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 6Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 7Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 8Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 9Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 10Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 11Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
88
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
HCSL Input Characteristics(1)
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
fIN
Input Frequency
VDD = 3.3V
1
100
400
MHz
Autoparking on
25
MHz
Autoparking off
1
MHz
VIHDIF
Diff. Input High Voltage (3)
IN+, IN-, single-end measure-
ment
330
1150
mV
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
Single-ended inputs, except
SMBus
0.75
VDD
VDD
+0.3
V
VIM
Input Mid Voltage
SADR0_TRI, SADR1_TRI, BW_
SEL_TRI
0.4VDD 0.5VDD 0.6VDD
V
VIL
Input Low Voltage
Single-ended inputs, except
SMBus
–0.3
0.25
VDD
V
IIH
Input High Current
Single-ended inputs with pullup/
pulldown resistor, VIN = VDD
50
uA
IIL
Input Low Current
Single-ended inputs with pullup/
pulldown resistor, VIN = 0V
–50
µA
CIN
Input Capacitance
1.5
5
pF
LVCMOS DC Electrical Characteristics
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
tDHOLD
SBI_IN Hold Time
SBI_IN hold after SBI_CLK ris-
ing edge.
2
ns
tCO
SBI_CLK to SBI_OUT
SBI_CLK rising edge to SBI_
OUT valid.
2
ns
tSHOLD
SHFT Hold Time
SHFT_LDB hold (high) after
SBI_CLK rising edge (SBI_CLK
to SHFT_LDB falling edge).
10
ns
tEN/DIS
Enable/Disable Time
Delay from SHFT_LDB falling
edge to next output configuration
taking effect.
4
12
clocks
tSLEW
Slew Rate
SBI_CLK (between 20% and
80%).
0.7
4
V/ns
SBI_OUT impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com