Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016AZDEX Datasheet (PDF) - Diodes Incorporated

PI6CB332016AZDEX Datasheet PDF - Diodes Incorporated
Part # PI6CB332016AZDEX
Download  PI6CB332016AZDEX Download
File Size   1408.17 Kbytes
Page   27 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application

PI6CB332016AZDEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CB332016AZDEX Datasheet PDF - Diodes Incorporated

Part # PI6CB332016AZDEX
Download  PI6CB332016AZDEX Click to download

File Size   1408.17 Kbytes
Page   27 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application

PI6CB332016AZDEX Datasheet (HTML) - Diodes Incorporated


PI6CB332016AZDEX Product details

Features
y 16 Low-Power HCSL Outputs with On-Chip Termination
y 85Ω Output Impedance
y Individual Output Enable
y Supports I/O Power Down Tolerant
y Flexible Startup Power Sequencing
y Automatic Output Clock Parking Upon Loss of Input Clock
y Up to 9 Selectable SMBus Addresses
y Supports SBI OE# Interface
y Differential Output-to-Output Skew <50ps
y Additive Phase Jitter
à PCIe 5.0: Typical 5fs RMS
à PCIe 6.0: Typical 3fs RMS
à DB2000QL: Typical 10fs RMS
y 3.3V Supply Voltage
y Temperature Range: -40oC to 105oC
y Packaging (Pb-free & Green):
à 64-Pin, TQFN 9mm x 9mm (ZD)
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.




Similar Part No. - PI6CB332016AZDEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332016AZDEX-13R DIODES-PI6CB332016AZDEX-13R Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
More results


Similar Description - PI6CB332016AZDEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Diodes Incorporated
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
16 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5921516 DIODES-PI6C5921516 Datasheet
1Mb / 14P
16 Output LVDS Fanout Buffer
Rev 1-2
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
6V31021 RENESAS-6V31021 Datasheet
285Kb / 10P
4-OUTPUT LOW POWER FANOUT BUFFER FOR PCIE GEN3 AND 10G ETHERNET
Mar 2020
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com