Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332016AZDEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6CB332016AZDEX
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016AZDEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6CB332016AZDEX Datasheet HTML 9Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 10Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 11Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 12Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 13Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 14Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 15Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 16Page - Diodes Incorporated PI6CB332016AZDEX Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
13
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
This interface consists of DATA, CLK and SHFT_LD# pins. When the SHFT_LD# pin is high, the rising edge of CLK can shift DATA
into the shift register. After shifting data, the falling edge of SHFT_LD# clocks the shift register contents to the Output register.
When the SBI is enabled, DATA, CLK, and SHFT_LD# are enabled on OE9#, OE5# and OE13# respectively. Additionally, SMBus
registers for masking off the disable function of the shift register (0 value of a bit) become active. When set to a one, the mask register
forces its respective output to 'enabled.' This prevents accidentally disabling critical outputs when using the SBI.
An SMBus read back bit in Byte 4 indicates which output enable control interface is enabled.
When the SBI is enabled, and power has been applied, the SBI is active, even if the PWRGD/PWRDN# pin indicates the part is in
power down. This allows loading the shift register and transferring the contents to the output register before the assertion of PWRGD.
Note that the mask registers are part of the normal SMBus interface and cannot be accessed when the PWRGD/PWRDN# is low.
Figure 2 provides a functional description of the SBI.
The SBI and the traditional SMBus output enable registers both default to the 'output enabled' state at power-up. The mask registers
default to zero at power-up, allowing the shift bits to disable their respective output. See Figure 2.
Mask 0
Mask 1
Mask 15
Byte 8
Byte 9
SMBus Mask Registers
(Default is ‘0’)
To Output Logic
SBI_out
OE0
OE15
O
IO
D
OE1
O
IO
D
O
IO
D
D0
D1
D15
to D2
from D14
DATA
CLK
SHFT_LD#
Output
Register
(Default is 1)
Shift
Register
Side-Band Interface
Figure 2. Side Band Interface Control Logic Description
Figures 3 shows the basic timing of the side-band interface. The SHFT_LD# pin goes high to enable the CLK input. Next, the rising
edge of CLK clocks enable DATA into the shift register. After the 16th clock for output 16, stop the clock low and drive the SHFT_LD#
pin low. The falling edge of SHFT_LD# clocks the shift register contents to the output register, enabling or disabling the outputs. Al-
ways shift 16 bits of data into the shift register to control the outputs.
Side-Band Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com