Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2184-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # 2SA2184-HF
Description  Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SA2184-HF Datasheet(HTML) 3 Page - Comchip Technology

  2SA2184-HF Datasheet HTML 1Page - Comchip Technology 2SA2184-HF Datasheet HTML 2Page - Comchip Technology 2SA2184-HF Datasheet HTML 3Page - Comchip Technology 2SA2184-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
REV:A
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
TO-252
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
6.90 ± 0.10
13.00 ± 0.20
10.50 ± 0.10
2.70 ± 0.10
1.55 ± 0.05
330 ± 2.00
0.272 ± 0.004
0.413 ± 0.004
0.106 ± 0.004
0.061 ± 0.002 12.992 ± 0.079
0.512 ± 0.008
0.069 ± 0.004
0.295 ± 0.002
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.012 ± 0.002
0.630 ± 0.004
1.75 ± 0.10
7.50 ± 0.05
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.05
16.00 ± 0.10
16.40 + 0.20
− 0.00
3.937 ± 0.079
100 ± 2.00
0.646 + 0.008
− 0.000
TO-252
Reel Taping Specification
D
D1
D2
W1
E
F
P
P0
P1
T
W
A
B
C
d
Silicon Power Transistor
QW-JTR190



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com