Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2184-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SA2184-HF
Description  Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SA2184-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SA2184-HF Datasheet HTML 1Page - Comchip Technology 2SA2184-HF Datasheet HTML 2Page - Comchip Technology 2SA2184-HF Datasheet HTML 3Page - Comchip Technology 2SA2184-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Comchip Technology CO., LTD.
Page 2
REV:A
Electrical Characteristics (at TJ=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Typ
Unit
Silicon Power Transistor
QW-JTR190
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector cutoff current
Emitter cutoff current
DC current gain
DC current gain
VBR(CEO)
VCE(sat)
VBE(sat)
ICBO
IEBO
hFE(1)
hFE(2)
IC = -10mA, IB = 0
IC = -300mA, IB = -60mA
IC = -300mA, IB = -60mA
VCB = -480V, IE = 0
VBE = -7V, IC = 0
IC = -100mA, VCE = -5V
IC = -500mA, VCE = -5V
-450
V
V
V
µA
µA
-0.7
-1.2
-10
-1.0
80
5
300
Rating and Characteristic Curves (2SA2184-HF)
Fig.1 - hFE ― IC
Collector Current, IC (A)
-0.001
-0.1
1000
1
10
0.1
Fig.2 - VCE(sat) ― IC
100
-0.01
-1
-10
-0.001
-0.1
-0.01
-1
-10
-10
-0.1
-100
-0.01
Collector Current, IC (A)
VCE= 5V
TC= 25°C
TC= 25°C
ꞵ= 5V
-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com