Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2184-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # 2SA2184-HF
Description  Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SA2184-HF Datasheet(HTML) 1 Page - Comchip Technology

  2SA2184-HF Datasheet HTML 1Page - Comchip Technology 2SA2184-HF Datasheet HTML 2Page - Comchip Technology 2SA2184-HF Datasheet HTML 3Page - Comchip Technology 2SA2184-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Device
Halogen Free
2SA2184-HF (PNP)
Comchip Technology CO., LTD.
Features
- Low collector saturation voltage.
VCE(sat)=-0.7V(Max.) @ IC=-0.3A
QW-JTR190
Page 1
REV:A
Mechanical data
- Case: TO-252, molded plastic.
Circuit Diagram
Maximum Ratings (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
-480
-450
-7
-0.5
20
150
-55 to +150
-1
1
- High switching speed.
Silicon Power Transistor
2
Collector
Base
1
Emitter
3
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current-continuous
Base current-continuous
Collector power dissipation @TA=25°C
Collector power dissipation @TC=25°C
Junction temperature
Storage temperature range
VCBO
V
VCEO
V
VEBO
V
IC
A
IB
A
PC
W
TJ
°C
TSTG
°C
- Designed for high current switching
applications.
2
2
1
3
0.024(0.60)
0.016(0.40)
0.024(0.60)
0.016(0.40)
0.035(0.90)
0.028(0.70)
0.287(7.30)
0.272(6.90)
0.043(1.10)
0.035(0.90)
0.264(6.70)
0.256(6.50)
0.094(2.40)
0.087(2.20)
0.112(2.85)
0.108(2.75)
0.028(0.72)
0.020(0.50)
0.122(3.10)
0.112(2.85)
0.093(2.35)
0.087(2.20)
0.035(0.90)
0.028(0.70)
Dimensions in inches and (millimeters)
TO-252
1
2
3
2


Similar Part No. - 2SA2184-HF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2184 TOSHIBA-2SA2184 Datasheet
213Kb / 5P
High Voltage Switching Applications
2SA2184 TOSHIBA-2SA2184 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SA2184 ISC-2SA2184 Datasheet
354Kb / 3P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA2184-HF

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com