Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2108F Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SML2108F
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108F Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SML2108F Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 9Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 10Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 12Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
REGISTERS
Register 0
2053 Reg0 1.0
REGISTER BIT MAPS
The SML2108 has three user programmable, nonvolatile
configuration registers.
Register 0
This register is used to configure the 8-Bit ADC that
monitors the bias current. Bit 7 enables the ADC alert to
be latched, which will hold the ALERT pin low until the alert
is reset. Bits 6, 5, and 4 are used to set the sample interval
of the ADC. The input to the ADC can be scaled and offset
to provide maximum resolution over the bias current. Bits
3 and 2 are used to set the full scale range of the ADC,
while bits 1 and 0 are used to set the ADC offset. See the
Table.
Register 1
This register controls multiple functions. Bit 7 disables the
alert during a manual analog-to-digital conversion of the
bias current. Bit 6 selects the action that will reset an alert
from the ADC. When this bit is set to a 0 any device read
or write will reset the alert. When set to a 1 the alert will be
reset by a low AUTOMON signal. Bit 5 is used to toggle
the source of the ADC input between the IBIAS current and
the EXT TEMP signal. Bit 2 initializes the input of the 10
bit DAC to either zero or a stored value from a nonvolatile
register when the device is powered up. Bit 1 initializes the
input of the 8 bit DAC to either zero or a stored value from
a nonvolatile register when the device is powered up. Bit
0 sets the maximum P-channel bias current (IBIASP) and
modulation current (IMODP) to either 10mA or 100mA.
Register 2
This register controls several functions related to the bus
interface. Bits 7 and 6 control the read and write access
to the configuration registers. It is imperative that register
2 be programmed properly to prevent an inadvertent
lockout. Bit 5 determines whether the memory array is
available or locked. Bit 4 selects the device type address
for accessing the memory array, while bit 3 determines
whether the device must receive a bus address that
corresponds to the biasing of the address pins. Bit 2 is
used to enable an alert condition on the ADC to shut down
the bias current. Bits 1 & 0 are unused.
76
5
4
3
2
1
0
n
o
i
t
c
n
u
F
C
D
A
t
r
e
l
A
l
a
v
r
e
t
n
I
e
l
p
m
a
S
C
D
Ae
g
n
a
R
C
D
At
e
s
f
f
O
C
D
A
0
xxx
xx
xx
d
e
h
c
t
a
l
t
o
n
t
r
e
l
A
1
d
e
h
c
t
a
l
t
r
e
l
A
x
000
l
a
v
r
e
t
n
i
e
l
p
m
a
s
s
µ
5
00
1
s
µ
0
2"
"
01
0
s
µ
0
6
1"
"
01
1
"
"
s
m
8
2
.
1
10
0
s
m
5
2
.
6"
"
10
1
s
m
5
2"
"
11
0
s
m
0
0
2"
"
111
s
6
.
1"
"
xxx
00
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
0
1
/
1
01
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
4
/
1
10
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
2
/
1
11
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
F
xx
00
t
e
s
f
f
o
o
N
01
t
e
s
f
f
o
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
f
o
4
/
1
10
t
e
s
f
f
o
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
f
o
2
/
1
11
t
e
s
f
f
o
t
n
e
r
r
u
c
s
a
i
b
e
l
a
c
s
ll
u
f
f
o
4
/
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com