Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2108F Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SML2108F
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108F Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SML2108F Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
PIN CONFIGURATION
PIN DESCRIPTIONS
DETECT (12)
This is the analog input from the laser monitor photodiode
for the integrator circuit. There is an on-board resistance
of 2M
Ω between the DETECT input and CAP1 pin.
CAP1 and CAP2 (11 & 10)
Capacitor inputs for an external capacitor in the feedback
loop of the Mean Power Control Integrator. There is an on-
board capacitance of 500pF.
AUTOMON (6)
Active high input used to enable the internal auto-monitor
function, which provides automatic adjustments to the
modulation output currents (MODP and MODN) based on
the internal A/D output and the values stored in the
nonvolatile lookup table. This pin has an internal 100k
Ω
pullup.
ALERT# (8)
Active low, open-drain output. This pin is driven low
whenever the bias current increases beyond a predefined
nonvolatile threshold. This can be used to predict laser
failure.
SDA, SCL (4 & 5)
Data and Clock lines, respectively, whose function and
use are based on the industry standard I2C interface.
Lookup table values, configuration data, and D/A and A/D
registers may all be accessed via these two pins of the
SML2108. These pins have internal 100k
Ω pullups.
A0, A1, A2 (1, 2, & 3)
Address Pins for the interface provided to allow multiple
devices on a single bus. These pins have internal 100k
Ω
pullups.
RDY# (7)
Active low, open-drain output. This pin is driven low
whenever the internal A/D is performing a conversion, or
while the on-board EEPROM is being programmed.
EXT TEMP (9)
Temperature input (or no connection). This pin can be
programmed as an input to the ADC and can interface a
temperature sensor. The EXT TEMP pin is multiplexed
with the bias current to provide a means of configuring the
input to the ADC. When EXT TEMP is programmed as the
A0
A1
A2
SDA
SCL
AUTOMON
RDY#
ALERT#
EXT TEMP
CAP2
CAP1
DETECT
MODN
MODN
BIASN
BIASN
VSS
VSS
VSS
VSS
BIASN
BIASN
MODN
MODN
48-Pin TQFP
2053 PCon 2.0
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com