Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML2108F Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SML2108F
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108F Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SML2108F Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 21Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
APPLICATION EXAMPLE USING EXTERNAL TEM-
PERATURE INPUT
The EXT TEMP pin of the SML2108 allows the input of the
internal ADC to be driven from an external device, rather
than a mirrored version of the bias current. Figure 25
shows an example using a National Semiconductor
LM334 to deliver a current into the SML2108 that is
proportional to absolute temperature.
The scale and
offset features of the ADC input can be used to center this
current and maximize the full range of the look-up table.
For this application the current ISET coming out of the
LM334 and into the EXT TEMP pin of the SML2108 is
given by the following equation:
ISET = 227µV / oK / RSET
For example, using a value of 210
Ω for RSET yields a
current of 295µA at 0oC and 387µA at 85oC.
Next select scale and offset values of the ADC input that
will optimize the current range of the LM334. Nominal full-
scale input current of the ADC is 390.6µA (= 100mA/256).
By setting the input offset to ¾ scale (293µA) and the full-
scale range to ¼ scale (97.6µA), then the zero scale of the
internal ADC becomes 293µA, and the full-scale is
390.6µA. This represents a temperature range of approxi-
mately –2oC to 88oC using a 210
Ω resistor in the configu-
ration shown. (These settings correspond to configuration
Register 0, Bits 3 - 0 set to 7HEX.)
Figure 25. Example of an External Temperature
Sensing Device
APPLICATIONS
+
–
2053 Fig25
5V
RSET
EXT TEMP
SML2108
LM334
210
Ω ±1%
ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com