Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHF/PROTO Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHF/PROTO Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL73096RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 8 of 11
June 27, 2014
Die Characteristics
DIE DIMENSIONS:
52.8 mils x 52.0 mils x 14 mils ±1 mil
1340µm x 1320µm x 355.6µm ±25.4µm
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 4k
Å 0.5kÅ
Top Metallization:
Type: Metal 1: AlCu (2%)/TiW
Thickness: Metal 1: 8k
Å ±0.5kÅ
Type: Metal 2: AlCu (2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
Substrate:
UHF-1X Bonded Wafer, DI
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Floating
ADDITIONAL INFORMATION:
Worst Case Current Density:
3.04 x 105A/cm2
Transistor Count:
5
Metallization Mask Layout
FIGURE 13. ISL73096RH, ISL73096EH
FIGURE 14. ISL73127RH, ISL73127EH
(1) Q1C
(2) Q2C
(3) Q2E
(4) Q2B
(5) NC
(6) Q3C
(7) Q3E
(8) Q3B (9) Q4B (10) Q4E
(11) Q4C
(12) Q5C
(13) Q5E
(14) Q5B
(15) Q1B
(16) Q1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com