Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHF/PROTO Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHF/PROTO Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL73096RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 11 of 11
June 27, 2014
Package Outline Drawing
K16.A
16 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
Rev 2, 1/10
SIDE VIEW
TOP VIEW
SECTION A-A
-D-
-C-
SEATING AND
BASE PLANE
-H-
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
0.022 (0.56)
0.015 (0.38)
0.050 (1.27 BSC)
0.440 (11.18)
0.005 (0.13)
MIN
MAX
0.115 (2.92)
0.045 (1.14)
0.045 (1.14)
0.026 (0.66)
0.285 (7.24)
0.245 (6.22)
0.009 (0.23)
0.004 (0.10)
0.370 (9.40)
0.250 (6.35)
0.03 (0.76) MIN
0.13 (3.30)
MIN
0.006 (0.15)
0.004 (0.10)
0.009 (0.23)
0.004 (0.10)
0.019 (0.48)
0.015 (0.38)
0.0015 (0.04)
MAX
0.022 (0.56)
0.015 (0.38)
0.015 (0.38)
0.008 (0.20)
PIN NO. 1
ID OPTIONAL
1
2
4
6
3
LEAD FINISH
1.
adjacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one
identification mark. Alternately, a tab may be used to identify pin one.
2.
of the tab dimension do not apply.
3. The maximum limits of lead dimensions (section A-A) shall be
measured at the centroid of the finished lead surfaces, when solder
dip or tin plate lead finish is applied.
4.
5.
shall be molded to the bottom of the package to cover the leads.
6.
meniscus) of the lead from the body. Dimension minimum shall
be reduced by 0.0015 inch (0.038mm) maximum when solder dip
lead finish is applied.
7.
8.
NOTES:
Dimensioning and tolerancing per ANSI Y14.5M - 1982.
Controlling dimension: INCH.
Index area: A notch or a pin one identification mark shall be located
If a pin one identification mark is used in addition to a tab, the limits
Measure dimension at all four corners.
For bottom-brazed lead packages, no organic or polymeric materials
Dimension shall be measured at the point of exit (beyond the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com