Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL73096RHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 2 of 11
June 27, 2014
Typical Applications
FIGURE 3. HIGH-GAIN, LOW-NOISE AMPLIFIER MADE FROM ISL73127
FIGURE 4. WIDEBAND AMPLIFIER MADE FROM ISL73096
R1
39kΩ
R2
100Ω
R3
39kΩ
R4
100Ω
RL
50Ω
VO
C3 1nF
C2 1nF
VCC
RS
50Ω
VS
Q5
Q2
+
-
+
-
C1 1nF
R2
15kΩ
R1
2kΩ
R3
1kΩ
Q4
Q5
RF
240Ω
L1
1µH
C3
1nF
Q2
VS
RS
50Ω
R4
100Ω
RL
50Ω
RE
5.1Ω
VEE
VO
+ -
+
-
C1
1nF
C2
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com