Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA31 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BBA31
Description  50-5000 MHz Flat Gain BroadBand AMP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA31 Datasheet(HTML) 2 Page - BeRex Corporation

  BBA31 Datasheet HTML 1Page - BeRex Corporation BBA31 Datasheet HTML 2Page - BeRex Corporation BBA31 Datasheet HTML 3Page - BeRex Corporation BBA31 Datasheet HTML 4Page - BeRex Corporation BBA31 Datasheet HTML 5Page - BeRex Corporation BBA31 Datasheet HTML 6Page - BeRex Corporation BBA31 Datasheet HTML 7Page - BeRex Corporation BBA31 Datasheet HTML 8Page - BeRex Corporation BBA31 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
50-5000 MHz Flat Gain BroadBand AMP
BBA31
2
Rev. 1.0
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
V-I Characteristics
Evaluation Board
Pin Configuration
Pin No.
Name
Description
2
RFinput
RFinput pin.
7
RFoutput
RFoutput / Vdd pin. Supply
1,3,4,
5,6,8
NC
No internal connection to die.
May be connected to ground.
9
Backside Paddle
Exposed Pad is RF/DC ground,
must be soldered to PCB.
*Dielectric constant _ 3.38 *RF pattern width 0.85T *16mil thick
Parameter
Frequency
Unit
100
900
2140
2650
3500
4500
1800
MHz
Gain
15.0
14.8
14.6
14.5
14.5
15.5
14.8
dB
S11
-19.0
-14.9
-21.0
-12.2
-13.1
-13.3
-21.7
dB
S22
-17.8
-13.0
-21.7
-11.8
-12.1
-14.1
-24.0
dB
OIP3
40.1
40.8
37.9
36.8
37.4
30.5
39.2
dBm
P1dB
21.8
22.2
20.8
20.1
20.9
16.9
21.8
dBm
LTE 20M ACLR
*
13.4
12.9
11.1
10.5
-
-
11.8
dBm
5G NR ACLR
*
-
-
-
-
10.6
5.7
-
dBm
Noise Figure
1.8
1.9
2.3
2.3
2.4
3.7
2.1
dB
Typical Performance (Vd=5V, Id=100mA, T=25°C)
*ACLR Channel Power measured at -50dBc.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
- 5G set-up: 3GPP 5G NR, 100MHz BW, ±100MHz offset, PAR 9.5 at 0.01% Prob.
- See "Application Note" on page 1 for 3.5 GHz & 4.5 GHz tuning points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com