Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA31 Datasheet (PDF) - BeRex Corporation

BBA31 Datasheet PDF - BeRex Corporation
Part # BBA31
Download  BBA31 Download
File Size   1196.66 Kbytes
Page   19 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-5000 MHz Flat Gain BroadBand AMP

BBA31 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBA31 Datasheet PDF - BeRex Corporation

Part # BBA31
Download  BBA31 Click to download

File Size   1196.66 Kbytes
Page   19 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-5000 MHz Flat Gain BroadBand AMP

BBA31 Datasheet (HTML) - BeRex Corporation


BBA31 Product details

Device Features
• Gain = 14.8 dB @ 900MHz
• OIP3 = 40.8 dBm @ 900 MHz
• Output P1 dB = 22.2 dBm @ 900 MHz
• N.F = 1.95dB @ 900 MHz
• Internally matched to 50 ohms
• Green/RoHS2 Compliant DFN 8L 2x2 Package

Product Description
The BBA31 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity and gain flatness in a bandwidth of 50-5000 MHz. The BBA31 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant DFN 8L 2x2 mm2 Surface mount package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier




Similar Part No. - BBA31

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
BBA MTRONPTI-BBA Datasheet
287Kb / 2P
Tubular Bandpass Filter
logo
List of Unclassifed Man...
BBA-322-A ETC-BBA-322-A Datasheet
108Kb / 8P
GENERAL-PURPOSE BROADBAND RF AMPLIFIER DATA GUIDE
BBA-322-A ETC2-BBA-322-A Datasheet
184Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
logo
Linx Technologies
BBA-322-A LINX-BBA-322-A Datasheet
190Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
2008
logo
List of Unclassifed Man...
BBA-322-A ETC2-BBA-322-A_08 Datasheet
184Kb / 7P
BBA SERIES RF AMPLIFIER DATA GUIDE
More results


Similar Description - BBA31

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
Miniature Broadband Gain Stage 200 - 3000 MHz
logo
List of Unclassifed Man...
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com