Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA31 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BBA31
Description  50-5000 MHz Flat Gain BroadBand AMP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA31 Datasheet(HTML) 4 Page - BeRex Corporation

  BBA31 Datasheet HTML 1Page - BeRex Corporation BBA31 Datasheet HTML 2Page - BeRex Corporation BBA31 Datasheet HTML 3Page - BeRex Corporation BBA31 Datasheet HTML 4Page - BeRex Corporation BBA31 Datasheet HTML 5Page - BeRex Corporation BBA31 Datasheet HTML 6Page - BeRex Corporation BBA31 Datasheet HTML 7Page - BeRex Corporation BBA31 Datasheet HTML 8Page - BeRex Corporation BBA31 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
50-5000 MHz Flat Gain BroadBand AMP
BBA31
4
Rev. 1.0
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Typical Device Data
S-parameters (Vd=5V, Id=100mA, T=25°C)
S-Parameter
(Vdevice = 5.0V, Id = 100mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
200
0.07
-162.53
5.64
170.31
0.12
-2.12
0.10
-169.33
400
0.07
-179.30
5.60
165.26
0.12
-6.70
0.10
-172.86
900
0.05
-164.84
5.65
149.22
0.12
-15.13
0.07
-154.10
1900
0.04
-113.24
5.55
113.70
0.11
-36.58
0.04
-22.19
2100
0.07
-104.17
5.56
106.90
0.11
-38.70
0.05
-23.69
2800
0.18
-103.99
5.46
79.80
0.09
-57.97
0.20
-68.02
3600
0.38
-113.07
5.06
46.96
0.07
-82.97
0.40
-96.90
4400
0.56
-126.90
4.34
9.32
0.04
-106.34
0.58
-123.38
5000
0.65
-139.13
3.01
-14.23
0.01
-143.90
0.69
-139.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com