Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG17C Datasheet(PDF) 1 Page - BeRex Corporation

Part # BG17C
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG17C Datasheet(HTML) 1 Page - BeRex Corporation

  BG17C Datasheet HTML 1Page - BeRex Corporation BG17C Datasheet HTML 2Page - BeRex Corporation BG17C Datasheet HTML 3Page - BeRex Corporation BG17C Datasheet HTML 4Page - BeRex Corporation BG17C Datasheet HTML 5Page - BeRex Corporation BG17C Datasheet HTML 6Page - BeRex Corporation BG17C Datasheet HTML 7Page - BeRex Corporation BG17C Datasheet HTML 8Page - BeRex Corporation BG17C Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
1
1
Rev. 11.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C
• OIP3 = 30.0 dBm @ 1900 MHz
• Gain = 16.4 dB @ 1900 MHz
• Output P1 dB = 17.0 dBm @ 1900 MHz
• Patented temperature compensation
• RoHS2-compliant SOT-89 SMT package
BeRex’s BG17C is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components. The BG17C is designed for
high linearity gain block applications that
require high gain and low power consump-
tion at 5V. It is packaged in a RoHS2-
compliant with SOT-89 surface mount pack-
age.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1000 pF ± 5%; C5 = 10uF; L1 = 33nH ±5%
*Less than 20nH improves RF performance at over 1.9GHz.
*40nH or higher value L1 improves RF performance at under 500MHz.
*Optimum value of L1 may vary with board design.
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+170
°C
Supply Voltage
+6.0
V
Supply Current
150
mA
Input RF Power
23
dBm
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Min
Typ
Max
Unit
Bandwidth
5
6000
MHz
Ic @ (Vc = 5V)
44
55
66
mA
Vc
4.5
5.0
5.25
V
dG/dT
-0.004
dB/°C
RTH
50
°C/W
Operating Case Temperature
-40
+85
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vc=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
5
6000
MHz
Test Frequency
1900
MHz
Gain
14.9
16.4
dB
Input Return Loss
-24.0
dB
Output Return Loss
-12.0
dB
Output IP3
2 dBm / tone ,
Δf=1 MHz
27.0
30.0
dBm
Output P1dB
16.0
17.0
dBm
Noise Figure
4.0
dB
C1
C2
RF In
RF Out
BG17C
Vcc
L1
C3
C4
C5


Similar Part No. - BG17C

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG17C BEREX-BG17C Datasheet
540Kb / 10P
5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG17C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
logo
BeRex Corporation
BG13B BEREX-BG13B_15 Datasheet
1,021Kb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_15 Datasheet
1Mb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com