Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG17C Datasheet(PDF) 2 Page - BeRex Corporation

Part # BG17C
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG17C Datasheet(HTML) 2 Page - BeRex Corporation

  BG17C Datasheet HTML 1Page - BeRex Corporation BG17C Datasheet HTML 2Page - BeRex Corporation BG17C Datasheet HTML 3Page - BeRex Corporation BG17C Datasheet HTML 4Page - BeRex Corporation BG17C Datasheet HTML 5Page - BeRex Corporation BG17C Datasheet HTML 6Page - BeRex Corporation BG17C Datasheet HTML 7Page - BeRex Corporation BG17C Datasheet HTML 8Page - BeRex Corporation BG17C Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
2
2
Rev. 11.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C
V-I Characteristics
BeRex SOT89 Evaluation Board
*Dielectric constant _ 4.2 *
RF pattern width 52mil *31mil thick FR4 PCB
Typical Performance (Vc = 4.7V, Ic = 43mA, T = 25°C)
Typical Performance (Vc = 4.5V, Ic = 37mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
20.0
18.0
17.6
16.0
15.8
15.5
14.7
S11
dB
-13
-20.2
-24.0
-15.3
-14.6
-16.7
-18.9
S22
dB
-5.9
-10.9
-14.7
-10.4
-10.1
-11.2
-11.9
P1
dBm
13.9
14.4
14.9
14.2
13.9
14.6
14.0
OIP3
dBm
28.5
26.0
27.5
27.5
26.5
27.0
26.0
NF
dB
3.8
3.8
3.9
4.0
4.0
4.0
4.2
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
19.5
17.8
17.4
15.9
15.7
15.3
14.6
S11
dB
-12.5
-18.7
-21.7
-14.7
-14.1
-16.1
-18.0
S22
dB
-5.8
-10.5
-13.9
-10.1
-9.7
-10.9
-11.6
P1
dBm
13.6
14.3
14.3
13.7
13.2
12.7
12.5
OIP3
dBm
27.5
27.0
24.5
24.5
24.0
24.0
23.5
NF
dB
3.8
3.8
3.9
4.0
4.0
4.0
4.2
Typical Performance (Vc = 5V, Ic = 55mA, T = 25°C)
Freq
MHz
500
900
1900
2140
2450
3000
3500
5800
S21
dB
18.0
17.8
16.4
16.0
15.6
15.0
14.9
11.0
S11
dB
-15.0
-14.0
-24.0
-16.0
-14.0
-11.0
-20.0
-11.4
S22
dB
-14.0
-22.0
-12.0
-11.0
-10.0
-9.0
-12.1
-8.0
P1
dBm
17.1
17.5
17.0
17.0
16.1
15.2
15.0
12.3
OIP3
dBm
31.0
31.0
30.0
30.0
29.0
28.0
27.5
24.5
NF
dB
3.8
3.9
4.0
4.0
4.0
4.2
4.2
6.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com