Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG17C Datasheet(PDF) 5 Page - BeRex Corporation

Part # BG17C
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG17C Datasheet(HTML) 5 Page - BeRex Corporation

  BG17C Datasheet HTML 1Page - BeRex Corporation BG17C Datasheet HTML 2Page - BeRex Corporation BG17C Datasheet HTML 3Page - BeRex Corporation BG17C Datasheet HTML 4Page - BeRex Corporation BG17C Datasheet HTML 5Page - BeRex Corporation BG17C Datasheet HTML 6Page - BeRex Corporation BG17C Datasheet HTML 7Page - BeRex Corporation BG17C Datasheet HTML 8Page - BeRex Corporation BG17C Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
5
5
Rev. 11.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C
ACLR
Typical Performance
(Vc=5V, Ic=55mA, T=25°C)
Pin-Pout-Gain
900MHz
1900 MHz
0
5
10
15
20
25
-15
-10
-5
0
5
Pin [dBm]
0%
5%
10%
15%
20%
25%
30%
35%
0
5
10
15
20
25
-15
-10
-5
0
5
Pin [dBm]
0%
5%
10%
15%
20%
25%
30%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com