Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF01T Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SC14WAMDECTSF01T
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF01T Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF01T Datasheet HTML 14Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 15Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 20Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 21Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
18 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.5 DIGITAL INPUT/OUTPUT PINS
Note 11: For output drive capability, see section "Pin Description" on page 4.
Table 13: Supply currents: Tour Guide mode
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Ibat_TG_stby
Standby supply current
(TG mode)
FP (TX); LPM; Vbat = 2.6 V
102
mA
FP (TX); HPM; Vbat = 2.6 V
125
mA
FP (TX); HPM/U; Vbat = 2.6 V
106
mA
PP (RX); Vbat = 2.6 V
45
mA
Ibat_TG_talk
Talk mode supply current
(TG mode)
FP (TX); LPM; Vbat = 2.6 V
137
mA
FP (TX); HPM; Vbat = 2.6 V
200
mA
FP (TX); HPM/U; Vbat = 2.6 V
159
mA
PP (RX); LPM; Vbat = 2.6 V
85
mA
PP (RX); HPM; Vbat = 2.6 V
94
mA
PP (RX); HPM/U; Vbat = 2.6 V
90
mA
Table 14: Digital input levels
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vil_dig
Logic 0 input level; all digital
input pins except PON,
CHG_DET and RSTn
VDD = 1.8 V
0.3*VDD
V
Vil_pon
Logic 0 input level; pin PON
0.9
V
Vil_charge
Logic 0 input level; pin
CHG_DET
0.9
V
Vil_rst
Logic 0 input level; pin RSTn
VDD = 1.8 V
0.2*VDD
V
Vih_dig
Logic 1 input level; all digital
input pins except PON,
CHG_DET and RSTn
VDD = 1.8 V
0.7*VDD
V
Vih_pon
Logic 1 input level; pin PON
1.5
V
Vih_charge
Logic 1 input level; pin
CHG_DET
1.5
V
Vih_rst
Logic 1 input level; pin RSTn VDD = 1.8 V
0.8*VDD
V
Table 15: Digital output levels
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vol_dig
Logic 0 output level
VDD = 1.8 V; Iout =
2, 4, 8 mA (Note 11)
0.2*VDD
V
Voh_dig
Logic 1 output level
VDD = 1.8 V; Iout =
2, 4, 8 mA (Note 11)
0.8*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com