Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF01T Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SC14WAMDECTSF01T
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF01T Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF01T Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 20Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 21Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 22Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 23Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 24Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 25Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 26Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
23 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.9 RADIO (RF) PART
Standards compliancy: ETS 301 406 (former TBR6).
Note 17: This power setting is only applicable for Full slot.
6.10 RF POWER SUPPLY
Table 25: Radio specifications
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
P_Rx
Receiver sensitivity
BER = 0.001; TA = 25 °C
-93
-92
-89
dBm
P_Rx_T
Receiver sensitivity, full
temperature range
BER = 0.001;
-40 °C
TA 85 °C
-87
dBm
IPL
Intermodulation perfor-
mance level (EN 301 406
section 4.5.7.6)
TA = 25 °C;
Pw = -80 dBm;
f = 2 channels
-35
dBm
NTP
Normal Transmitted Power
(HPM: High Power Mode)
DECT
21
23
24.5
dBm
DECT6.0 and Japan DECT
20
dBm
Low Power mode
10
dBm
dPrfpa_T
RFPA power variation, full
temperature range
-40 °C
TA +85 °C
2.5
4
dB
Fbit
Bit rate
GFSK modulation
1.152
Mbit/s
BW_Tx
Transmitter bandwidth
DECT GFSK;
NTP = 20 dB
1.728
MHz
Table 26: RFPA preferred settings for various power modes
Address
(VES)
Register / Parameter
HPM/U
(USA)
HPM
(Europe)
HPM/J
(Japan) (Note 17)
0x39
RF_PA_CTRL1_REG
0x09A0
0x0CF0
0x2CE0
0x3B
RF_TEST_MODE2_REG
0x0056
0x0062
0x0068
0x3D
RF_BBADC_CTRL_REG
0x0380
0x03A0
0x0398
0x05
RF_PLL_CTRL2_REG[MODINDEX]
0x25
0x25
0x23
0x23
Upper RSSI threshold
0x2C
N/A
0x28
0x24
Lower RSSI threshold
0x22
N/A
0x1E
Table 27: Requirements for linear supply regulator
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VBAT IN
Voltage at VBAT SW
Unloaded VB
Loaded VB-V1-V2-V3
2.1
3
3.45
V
V1
Settling time
I = 50 mA
20
mV
V2
Receive period
I = 130 mA
100
mV
V2
Transmit period
I = 550 mA
200
mV
V3
Drop during transmit
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com