Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECTSF01T Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SC14WAMDECTSF01T
Description  Wireless Audio Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECTSF01T Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SC14WAMDECTSF01T Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 20Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 21Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 22Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 23Page - Renesas Technology Corp SC14WAMDECTSF01T Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
20 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
Note 16: 0 dBm0 on CIN = -3.14 dB of max PCM value.
Table 19: VREFp load circuit
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Cload_vrefp
VREFp (parasitic) load
capacitance
20
pF
Iout_vrefp
VREFp output current
1mA
Figure 8: VREFp load circuit
Cload_vrefp
VREFp
VREFm
Iout_vrefp
Rout_vrefp
Table 20: LSRp/LSRn outputs
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vlsr_0dB_unt
Untrimmed differen-
tial RMS output volt-
age between LSRp
and LSRn in audio
mode (0 dBm0 refer-
ence level)
0 dBm0 on CIN (Note 16),
LSRATT[2:0] = 001,
@ 1020 Hz Load circuit A (see
Figure 9, Table 21) with RL1=
 , Cp1 or load circuit B (see
Figure 10) with RL2, Cp2 and
Cs2
Tolerance:
• 13% when untrimmed
(BANDGAP_REG=8)
• 6% when trimmed
(Note 14)
621
714
807
mV
Rout_lsr
Resistance of acti-
vated loudspeaker
amplifier outputs
LSRp and LSRn
1
Vlsr_dc
DC offset between
LSRp and LSRn
(Note 6)
LSRATT[2:0] = 3
RL1 = 28 
3 sigma deviation limits
-20
20
mV
Table 21: LSRp/LSRn load circuits
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Cp1_Rl1_inf
Load capacitance
see Figure 9, RL1 = 
30
pF
Cp1_Rl1_1k
Load capacitance
see Figure 9, RL1 1 k
100
pF
Rl1
Load resistance
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com