Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8022D2AL Datasheet(PDF) 29 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 29 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 25Page - Positronic. FC8022D2AL Datasheet HTML 26Page - Positronic. FC8022D2AL Datasheet HTML 27Page - Positronic. FC8022D2AL Datasheet HTML 28Page - Positronic. FC8022D2AL Datasheet HTML 29Page - Positronic. FC8022D2AL Datasheet HTML 30Page - Positronic. FC8022D2AL Datasheet HTML 31Page - Positronic. FC8022D2AL Datasheet HTML 32Page - Positronic. FC8022D2AL Datasheet HTML 33Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927, UL
94V-0, blue color.
Contacts:
Precision machined copper alloy.
SIGNAL:
Gold flash over nickel plate and gold
0.000050 [1.27µ] over nickel plate.
Other finishes available upon request,
see page 81.
POWER:
Gold flash over nickel. Other finishes
available upon request, see page 81.
SHIELDED:
For contact platings, see page 68.
HIGH VOLTAGE:
For contact platings, see page 68.
Shells:
Steel with tin plate; zinc plate with
chromate seal; stainless steel passivated.
Other materials and finishes available upon
request.
Mounting Spacers:
Nylon; copper alloy or steel with zinc plate
and chromate seal or tin plate; phosphor
bronze with tin plate; stainless steel,
passivated.
Jackscrew Systems:
Brass or steel with zinc plate and chromate
seal or clear zinc plate or tin plate; stainless
steel, passivated.
Hoods:
Composite and plastic UL94V-0; brass or
steel with zinc plate and chromate seal.
Aluminum; aluminum with electroless nickel
plate. For aluminum hoods, zinc content is
1% maximum. Die cast zinc.
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
Signal Contacts,
Crimp Removable:
Size 20 contacts, male – 0.040 inch
[1.02mm] mating diameter; Female rugged
open entry or PosiBand closed entry
contact design, see page 69 for details.
Contact Retention
In Insulator:
Signal: 9 lbs. [40N]. Power, shielded and
high voltage: 22 lbs. [98N]
Crimp Contact
Terminations:
Closed barrel crimp, wire sizes 18 AWG
[1.0mm2] through 30 AWG [0.05 mm2]
Power Contacts,
Removable, Crimp
or Solder Termination:
Size 8 contacts , male – 0.142 inch [3.61mm]
mating diameter. Terminations for 6, 8, 10,
12, and 16 AWG. Female contact features
Large Surface Area (L.S.A.) closed entry
contact design utilizing BeCu mechanical
retention member. Closed crimp barrel.
Shielded Contacts,
Removable:
See table of cable sizes for contact
termination dimensions, page 78.
High Voltage Contacts:
Straight and right angle (90°) terminations –
0.041 inch [1.04mm] min. hole diameter.
Shells:
Male shells may be dimpled for EMI/ESD
ground paths.
Polarization:
Trapezoidally shaped shells and polarized
jackscrews.
Locking Systems:
Jackscrews and vibration locking systems.
Mechanical Operations:
500 operations for open entry contact,
1000 operations for PosiBand closed entry
contact with 0.000050 [1.27µ] gold plating.
Per IEC 60512-5.
ELECTRICAL CHARACTERISTICS:
SIZE 20 CONTACTS
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.008 ohms maximum.
Proof Voltage:
1000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
For electrical characteristics, see page 4.
SHIELDED CONTACTS
For electrical characteristics, see page 69.
HIGH VOLTAGE CONTACTS
For electrical characteristics, see page 69.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and
Creepage Distance:
0.039 [1.0mm] minimum.
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55˚C to +125˚C.
Damp Heat, Steady State:
10 days.
THERMOCOUPLE CONTACTS:
Size 20 crimp contacts are available. See page 74 for details.
PCB mount contacts are available in CBD/CBM series, see page 4
for details.
TECHNICAL CHARACTERISTICS
CBC11W1M10Z00
WITH MS4012D CONTACT
CBC11W1S100T20
WITH FC4008D CONTACT
Combo-D
D-Sub
Positronic
connectpositronic.com
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY CRIMP REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
23
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com