Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8022D2AL Datasheet(PDF) 49 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 49 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 45Page - Positronic. FC8022D2AL Datasheet HTML 46Page - Positronic. FC8022D2AL Datasheet HTML 47Page - Positronic. FC8022D2AL Datasheet HTML 48Page - Positronic. FC8022D2AL Datasheet HTML 49Page - Positronic. FC8022D2AL Datasheet HTML 50Page - Positronic. FC8022D2AL Datasheet HTML 51Page - Positronic. FC8022D2AL Datasheet HTML 52Page - Positronic. FC8022D2AL Datasheet HTML 53Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Size 20 Signal Contacts
Size 8 Power Contacts
UL Recognized
File #E49351
CSA Recognized
File #LR54219
Telecommunication
UL File #14095
The Combo-Dual Port connector series offers several
combinations of power and signal contacts within
the same connector assembly.
Seventeen different
combinations of power and signal contact stacked
assemblies are available within four standard shell sizes.
The connector assembly can be partially populated
with either signal or power contacts installed in the
connector bodies to customer selected contact positions.
The stacked connectors may be spaced apart to two
dimensional spacings.
On special order, the right angle (90°) printed board
mount contacts may be replaced with size 8 power,
shielded or high voltage contacts having crimp or
solder cup terminations. Signal contacts remain in dual
port configuration.
Mounting angle brackets can be ordered riveted to
the connector by specifying R2, R6, R7 and R8 options.
Locking systems are available utilizing 4-40 threaded
jackscrew systems, polarized or non-polarized, or with
a quick-release vibration lock system for rear panel
mounted connectors.
Combo-Dual Port series connectors comply with the
dimensional requirements of IEC 60807-2 and DSCC
85039.
Jackscrew Systems:
Brass or steel with zinc plate and
chromate seal or clear zinc plate or tin
plate; stainless steel, passivated.
Vibration Lock Systems:
Lock tabs, steel with nickel plate.
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
Signal Contacts:
Size 20 contacts, male – 0.040 inch
[1.02mm] mating diameter. Female
contact – rugged open entry. PosiBand
closed entry female options are also
available.
Contact Retention
In Insulator:
9 lbs. [40N]
Contact Terminations:
Printed board mount with right angle
(90°) terminations supported by
alignment bar. Termination diameter
0.028 inch [0.71mm].
Power Contacts:
Size 8 contact, male – 0.142 inch
[3.61mm] mating diameter.
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927 UL
94, blue color, and composite.
Contacts:
Precision machined copper alloy.
Contact Plating:
SIGNAL:
Gold flash over nickel plate. Other finishes
available upon request.
POWER:
Gold flash over nickel. Other finishes
available upon request.
Shells:
Steel with tin plate; zinc plate with
chromate seal; stainless steel passivated.
Other materials and finishes available upon
request.
Mounting Spacers
Nylon; polyester; copper alloy or steel with
and Brackets:
zinc plate and chromate seal or tin plate;
phosphor bronze with tin plate; stainless
steel, passivated.
Cross Bar:
Nylon, UL 94V-0, black color.
Push-On Fasteners:
Beryllium copper, tin plated.
TECHNICAL CHARACTERISTICS
continued on next page. . . .
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
VERTICALLY STACKED STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
43
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com