Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8022D2AL Datasheet(PDF) 56 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 56 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 52Page - Positronic. FC8022D2AL Datasheet HTML 53Page - Positronic. FC8022D2AL Datasheet HTML 54Page - Positronic. FC8022D2AL Datasheet HTML 55Page - Positronic. FC8022D2AL Datasheet HTML 56Page - Positronic. FC8022D2AL Datasheet HTML 57Page - Positronic. FC8022D2AL Datasheet HTML 58Page - Positronic. FC8022D2AL Datasheet HTML 59Page - Positronic. FC8022D2AL Datasheet HTML 60Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
MECHANICAL CHARACTERISTICS, continued:
Connector Saver:
Male to female or male to male.
Contact Retention:
Signal:
9 lbs. [40 N].
Power:
22 lbs. [98 N].
Shells:
Male shells may be dimpled for
EMI/ESD ground paths.
Polarization:
Trapezoidally shaped shells.
Mechanical Operations:
ACBDP Series:
500 operations, minimum, per IEC
60512-5.
ACBMP Series:
1,000 operations, minimum, per IEC 60512-5.
ELECTRICAL CHARACTERISTICS:
SIZE 20 CONTACTS
Contact Current Rating:
7.5 amperes, nominal.
Initial Contact Resistance:
0.008 ohms, maximum.
Proof Voltage:
1,000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
Contact Current Rating:
70 amperes, per UL 1977.
See Temperature Rise Curves on pages 1-2.
Initial Contact Resistance: 0.0005 ohms, maximum
Proof Voltage:
1,000 V r.m.s.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and
Creepage Distance:
0.039 inch [1.0 mm], minimum.
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55˚C to +125˚C.
CONTACT VARIANTS
FACE VIEW OF MALE OR REAR VIEW OF FEMALE
ACBDP/ACBMP SERIES SIZE 20 AND SIZE 8 CONTACT CONNECTOR SAVER
5W1
5W5
9W4
13W3
17W2
21WA4
24W7
36W4
47W1
43W2
25W3
27W2
8W8
13W6
17W5
3W3
7W2
21W1
11W1
SHELL SIZE 2
SHELL SIZE 3
SHELL SIZE 4
SHELL SIZE 6
SHELL SIZE 5
SHELL SIZE 1
Note: For high density 8W2, 19W1 and 45W2
variants contact Technical Sales for availability.
TECHNICAL CHARACTERISTICS, continued
continued from previous page. . . .
46W4
58
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
COMBO-D
CONNECTOR SAVERS
GENDER CHANGERS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com